PART |
Description |
Maker |
2SB1011 |
Power Device - Power Transistors - General-Purpose power amplification Silicon PNP Transistor Silicon PNP triple diffusion planar type
|
Panasonic Corporation
|
MJE2955T |
Silicon NPN Power Transistors Silicon PNP Power Transistors MJE2955T Silicon PNP Power Transistors MJE2955T
|
Savantic, Inc.
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
BD802 |
Plastic High Power Silicon PNP Transistor POWER TRANSISTORS PNP SILICON
|
Motorola, Inc Motorola Inc ON Semiconductor
|
MJ15003 MJ15004 ON1980 |
From old datasheet system 20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS POWER TRANSISTORS COMPLEMENTARY SILICON 20 A, 140 V, PNP, Si, POWER TRANSISTOR, TO-204AA
|
MOTOROLA INC MOTOROLA[Motorola, Inc] ON Semiconductor
|
BD138 BD138-10 BD138-16 BD140 BD140-10 BD140-16 BD |
PNP power transistors PNP power transistors 1.5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-126 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Green; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes PNP power transistor(PNP????朵?绠?
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BCY72 BCY70 BCY71 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% PNP SILICON TRANSISTORS PNP SILICON PLANAR EPITAXIAL TRANSISTORS
|
MICRO-ELECTRONICS[Micro Electronics]
|
BD242 BD242C BD242A BD242B |
3 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220 PNP SILICON POWER TRANSISTORS
|
Power Innovations International, Inc. POINN[Power Innovations Ltd] Power Innovations Limited
|
MJE2955T MJE2955TG MJE3055TG MJE3055T |
Bipolar Power TO220 PNP 10A 60V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB Complementary Silicon Plastic Power Transistors
|
ON Semiconductor
|
BF493 BF491 BF492 |
PNP SILICON PLANAR TRANSISTORS PNP SILICON HIGH VOLTAGE TRANSISTORS
|
MICRO-ELECTRONICS[Micro Electronics]
|
MJW21191 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
MJ2955 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|